| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R6401-00B Fiches technique(PDF) 8 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R6401-00B Fiches technique(HTML) 8 Page - u-blox AG |
|
8 / 23 page ![]() EVK-R6 - User guide UBX-21035387 - R02 Starting up Page 8 of 23 C1-Public 1.6 EVK-R6 pin out LARA-R6 series DIL B2B LARA-R6 series DIL B2B LARA-R6 series DIL B2B Pin N° Name Name / Pin N° Pin N° Name Name / Pin N° Pin N° Name Name / Pin N° 1 GND J104 pins 7-10 24 GPIO3 J104 pin 31 47 RSVD Not present 2 RSVD Not present 25 GPIO4 J104 pin 26 48 RSVD Not present 3 GND J104 pins 7-10 26 SDA J103 pin 22 49 RSVD Not present 4 V_INT J104 pin 35 27 SCL J103 pin 19 50 GND J104 pins 7-10 5 GND J104 pins 7-10 28 USB_D- Not present 51 VCC J103 pins 8-10 6 DSR J104 pin 17 29 USB_D+ Not present 52 VCC J103 pins 8-10 7 RI J104 pin 18 30 GND J104 pins 7-10 53 VCC J103 pins 8-10 8 DCD J104 pin 12 31 RSVD Not present 54 GND J104 pins 7-10 9 DTR J104 pin 11 32 GND J104 pins 7-10 55 GND J104 pins 7-10 10 RTS J104 pin 14 33 RSVD Not present 56 ANT1 Not present 11 CTS J104 pin 13 34 I2S_WA Not present 57 GND J104 pins 7-10 12 TXD J104 pin 16 35 I2S_TXD Not present 58 GND J104 pins 7-10 13 RXD J104 pin 15 36 I2S_CLK Not present 59 ANT_DET Not present 14 GND J104 pins 7-10 37 I2S_RXD Not present 60 GND J104 pins 7-10 15 PWR_ON J104 pin 30 38 SIM_CLK J103 pin 16 61 GND J104 pins 7-10 16 GPIO1 J104 pin 34 39 SIM_IO J103 pin 13 62 ANT2 Not present 17 VUSB_DET Not present 40 SIM_RST J103 pin 15 63 GND J104 pins 7-10 18 RESET_N J103 pin 25 41 VSIM J103 pin 14 64 GND J104 pins 7-10 19 GPIO6 J104 pin 23 42 GPIO5 J104 pin 24 65-96 GND J104 pins 7-10 20 GND J104 pins 7-10 43 GND J104 pins 7-10 97 RFCTRL11 J103 pin 5 21 GND J104 pins 7-10 44 RSVD Not present 98 RFCTRL2 1 J103 pin 6 22 GND J104 pins 7-10 45 RSVD Not present 99 RSVD Not present 23 GPIO2 J104 pin 32 46 RSVD Not present 100 RSVD Not present Table 4: Interfaces of LARA-R6 series modules, as routed on the 42-pin dual-in-line board-to-board connectors (J103, J104) available on the adapter board ADP-R6 of the EVK-R6 evaluation kit 1 LARA-R6401 and LARA-R6401D only. Pin reserved for future use (RSVD) otherwise. |