| Moteur de recherche de fiches techniques de composants électroniques |
|
TL70 Fiches technique(PDF) 5 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
TL70 Fiches technique(HTML) 5 Page - 3M Electronics |
|
5 / 6 page ![]() 3MTM Scotch-WeldTM Threadlocker Anaerobic Adhesives TL22 • TL42 • TL43 • TL62 • TL70 • TL71 • TL72 • TL77 • TL90 Material Surface Activity and Cure Speed Active (Fast cure) Inactive (Slow cure) Brass Anodized Aluminum Bronze Cadmium Commercial aluminum Chemical black oxide Copper Galvanized steel Iron Gold Kovar® Inconel® Manganese Magnesium Monel® Magnetite Steel Nickel Plated parts Pure aluminum Silver Stainless Steel Zinc Storage Store product in cool, dry area out of direct sunlight Shelf Life 3MTM Scotch-WeldTM Threadlocker Anaerobic Adhesives have a shelf life of 12 months when stored at 60o to 80oF (16o to 27o C) in the original unopened container. Precautionary Information Refer to Product Labe and Material Safety Data Sheet for health and safety information before using this product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501. Technical Information The technical information, recommendations and other statements contained in this document are based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed. Product Use Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s method of application. |