| Moteur de recherche de fiches techniques de composants électroniques |
|
LARA-R6401 Fiches technique(PDF) 5 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
LARA-R6401 Fiches technique(HTML) 5 Page - u-blox AG |
|
5 / 41 page ![]() LARA-R6 series - Data sheet UBX-21004391 - R09 Functional description Page 5 of 41 C1-Public 1 Functional description 1.1 Overview The LARA-R6 series comprises multi-band and multi-mode modules supporting LTE Cat 1 FDD and LTE Cat 1 TDD radio access technology, with 3G UMTS/HSPA and 2G GSM/GPRS/EGPRS fallback, providing the ideal solution for global and multi-regional coverage in the small LARA LGA form-factor (26.0 x 24.0 mm, 100-pin), which is easy to integrate in compact designs. With five variants, consisting of the LARA-R6001 (data and voice) and LARA-R6001D (data-only) solutions with global coverage, the LARA-R6801 data and voice solution for multi-regional operations, and the LARA-R6401 (data and voice) and the LARA-R6401D (data-only) solutions designed mainly for North America, customers have great flexibility, can maximize reusing their development efforts, and can simplify logistics. Customers can take advantage of embedded IoT protocols (LwM2M, MQTT) and security features (TLS/DTLS, secure update/secure boot) to implement various applications, such as device management, remote device actions, and secure FOTA updates. Versatile interfaces, features, multi-band and multi-mode capabilities make the LARA-R6 series modules ideally suitable for a wide range of applications, such as asset tracking, telematics, remote monitoring, alarm panels, video surveillance, connected health, point of sales terminals, and mobile cameras. Generally, the modules are suited to applications that require medium speed data, seamless connectivity, superior coverage, low latency, streaming services (data or voice), and to industrial applications focused on product life-cycle longevity. 1.2 Product features Model Region Radio Access Technology GNSS u-blox services Interfaces Features Grade LARA-R6001 Global 1 1,2,3,4,5,7,8 12,13,18,19 20,26,28 38,39 40,41 1,2 5,8 Quad ● ● ● ● ● 2 1 1 9 ● ● ● ● ● ● ● ● ● ○ ● ● ● ● ● ● ● LARA-R6001D Global 1 1,2,3,4,5,7,8 12,13,18,19 20,26,28 38,39 40,41 1,2 5,8 Quad ● ● ● ● ● 2 1 1 9 ● ● ● ● ● ● ● ● ○ ● ● ● ● ● ● LARA-R6401 North America 1 2,4,5 12,13,14 66,71 ● ● ● ● ● 2 1 1 9 ● ● ● ● ● ● ● ● ● ○ ● ● ● ● ● ● ● ● LARA-R6401D North America 1 2,4,5 12,13,14 66,71 ● ● ● ● ● 2 1 1 9 ● ● ● ● ● ● ● ● ○ ● ● ● ● ● ● ● LARA-R6801 Multi- Region 1 1,2,3,4,5,7,8 18,19 20,26,28 1,2 5,8 Quad ● ● ● ● ● 2 1 1 9 ● ● ● ● ● ● ● ● ● ○ ● ● ● ● ● ● ● ● = supported by initial and future product FW versions ○ = support planned for future product FW versions Table 1: LARA-R6 series main features summary |