Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LARA-R6001 Fiches technique(PDF) 34 Page - u-blox AG

No de pièce LARA-R6001
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001 Fiches technique(HTML) 34 Page - u-blox AG

Back Button LARA-R6001 Datasheet HTML 30Page - u-blox AG LARA-R6001 Datasheet HTML 31Page - u-blox AG LARA-R6001 Datasheet HTML 32Page - u-blox AG LARA-R6001 Datasheet HTML 33Page - u-blox AG LARA-R6001 Datasheet HTML 34Page - u-blox AG LARA-R6001 Datasheet HTML 35Page - u-blox AG LARA-R6001 Datasheet HTML 36Page - u-blox AG LARA-R6001 Datasheet HTML 37Page - u-blox AG LARA-R6001 Datasheet HTML 38Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Product handling & soldering
Page 34 of 41
C1-Public
7 Product handling & soldering
7.1 Packaging
LARA-R6 series modules are delivered as hermetically sealed reeled tapes, to enable efficient
production, production lot set-up and tear-down.
For more information about packaging, see the u-blox package information user guide [4].
7.1.1 Reels
LARA-R6 series modules are deliverable in quantities of 150 pieces on a reel. The modules are
delivered using the reel type B2 described in the u-blox package information user guide [4].
Quantities of less than 150 pieces are also available. Contact u-blox for more information.
7.1.2 Tapes
Figure 7 shows the position and the orientation of LARA-R6 series modules as they are delivered on
the tape, while Figure 8 and Table 36 below specify the tape dimensions.
Pin 1
Sprocket hole
Feed direction
Figure 7: Orientation for LARA modules on tape
Figure 8: LARA-R6 series modules tape dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41