| Moteur de recherche de fiches techniques de composants électroniques |
|
LARA-R6 Fiches technique(PDF) 34 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
LARA-R6 Fiches technique(HTML) 34 Page - u-blox AG |
|
34 / 41 page ![]() LARA-R6 series - Data sheet UBX-21004391 - R09 Product handling & soldering Page 34 of 41 C1-Public 7 Product handling & soldering 7.1 Packaging LARA-R6 series modules are delivered as hermetically sealed reeled tapes, to enable efficient production, production lot set-up and tear-down. For more information about packaging, see the u-blox package information user guide [4]. 7.1.1 Reels LARA-R6 series modules are deliverable in quantities of 150 pieces on a reel. The modules are delivered using the reel type B2 described in the u-blox package information user guide [4]. Quantities of less than 150 pieces are also available. Contact u-blox for more information. 7.1.2 Tapes Figure 7 shows the position and the orientation of LARA-R6 series modules as they are delivered on the tape, while Figure 8 and Table 36 below specify the tape dimensions. Pin 1 Sprocket hole Feed direction Figure 7: Orientation for LARA modules on tape Figure 8: LARA-R6 series modules tape dimensions |