| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R6 Fiches technique(PDF) 4 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R6 Fiches technique(HTML) 4 Page - u-blox AG |
|
4 / 23 page ![]() EVK-R6 - User guide UBX-21035387 - R02 Starting up Page 4 of 23 C1-Public 1 Starting up 1.1 EVK-R6 overview The EVK-R6 kit is a powerful and easy-to-use tool that simplifies the evaluation of u-blox LARA-R6 series multimode LTE Cat 1 / 3G / 2G cellular modules. The following evaluation kits are available with u-blox LARA-R6 cellular modules (see Figure 1): • EVK-R6001 evaluation kit is for evaluation of LARA-R6001 • EVK-R6401 evaluation kit is for evaluation of LARA-R6401 • EVK-R6801 evaluation kit is for evaluation of LARA-R6801 All the EVK-R6001, EVK-R6401, EVK-R6801 evaluation kits are herein identified as EVK-R6. ☞ See the LARA-R6 series data sheet [2] and LARA-R6 series system integration manual [3] for the features supported by the u-blox LARA-R6 series cellular modules. SIM card holder J300 Cellular reset SW303 Cellular power-on SW302 GND 9 – 18 V Power input J400 Cellular adapter board DL400 Main power switch SW400 DL401 Secondary cellular antenna connector ANT DIV - J106 LARA-R6 Cellular module DIL B2B connector J103 DIL B2B connector J104 GND GNSS antenna connector J103 GNSS module GNSS adapter board Cellular VCC supply jumper J404 Cellular USB (UART) J501 Cellular RS232 (UART) J500 DL501 DL403 DL405 GNSS USB J102 SW403 SW401 DL404 SW300 SW304 SW204 Headset jack J303 DS124 DS107 DS105 DS109 DS103 DS500 GND GND Primary cellular antenna connector ANT - J202 Cellular native USB J105 DS100 3-pin header J248 Cellular USB (two UARTs) J201 SW510 DS501 Cellular VCC Jumper J109 DS124 DS121 DS121 DS201 Figure 1: Overview of EVK-R6 evaluation kit for LARA-R6 modules |