Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRF100 Fiches technique(PDF) 3 Page - Advanced Power Technology

No de pièce DRF100
Description  High Speed MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF100 Fiches technique(HTML) 3 Page - Advanced Power Technology

  DRF100 Datasheet HTML 1Page - Advanced Power Technology DRF100 Datasheet HTML 2Page - Advanced Power Technology DRF100 Datasheet HTML 3Page - Advanced Power Technology DRF100 Datasheet HTML 4Page - Advanced Power Technology DRF100 Datasheet HTML 5Page - Advanced Power Technology DRF100 Datasheet HTML 6Page - Advanced Power Technology DRF100 Datasheet HTML 7Page - Advanced Power Technology DRF100 Datasheet HTML 8Page - Advanced Power Technology DRF100 Datasheet HTML 9Page - Advanced Power Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The Test Circuit illustrated above was used to evaluate the DRF100 (available as an evaluation Board DRF-100EVAL).
The input control signal is applied to the DRF100 via the IN(4) and SG(5) pins via RG188. This provides excellent
noise immunity and control of the signal ground currents.
The FN pin is off and unwanted signals can cause erratic behavior, Therefore FN pin is heavily by-passed on the
Evaluation board, see FN (3) above.
The +Vcc inputs (2,6) are heavily By-Passed (C1-C3, C5-C7), this is in addition to the internal bypassing mentioned
previously. The capacitors used for this function must be capable of supporting the RMS currents and frequency of the
load.
Figure 2, Test Circuit
DRF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12