Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

58120/15 Fiches technique(PDF) 1 Page - Alpha Wire

No de pièce 58120/15
Description  Customer SpecificationS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHAWIRE [Alpha Wire]
Site Internet  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

58120/15 Fiches technique(HTML) 1 Page - Alpha Wire

  58120/15 Datasheet HTML 1Page - Alpha Wire 58120/15 Datasheet HTML 2Page - Alpha Wire 58120/15 Datasheet HTML 3Page - Alpha Wire 58120/15 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 58120/15
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
15 X 1 COND
a) Conductor
22 (7/30) AWG BC
0.030
b) Insulation
0.008" Wall, Nom. PVC, Plenum
Rated
0.046
(1) Color Code
Alpha Wire Color Code D2
Cond
Color
Cond
Color
Cond
Color
1
BLACK
6
BLUE
11
PINK
2
WHITE
7
ORANGE
12
TAN
3
RED
8
YELLOW
13
WHITE/BLUE
4
GREEN
9
VIOLET
14
WHITE/ORANGE
5
BROWN
10
SLATE
15
WHITE/GREEN
2) Cable Assembly
15 Components Cabled
a) Twists:
3.0 Twists/foot (min)
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG TC
4) Jacket
0.015" Wall, Nom.,PVC, Plenum
Rated
0.245 (0.259 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 58120/15 15C 22 AWG
SHIELDED 75C CMP(UL) C(UL) OR 75C (UL) CL2P
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]


Numéro de pièce similaire - 58120/15

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
58120/12 ALPHAWIRE-58120/12 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
58120/12 ALPHAWIRE-58120/12 Datasheet
100Kb / 4P
Customer Specifications
8/30/2022
58120/12 ALPHAWIRE-58120/12 Datasheet
98Kb / 4P
Customer SpecificationS
12/1/2022
58120/12 ALPHAWIRE-58120/12 Datasheet
410Kb / 4P
22 (7/30) AWG BC
More results

Description similaire - 58120/15

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com