| Moteur de recherche de fiches techniques de composants électroniques |
|
DF2S8.2CT Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
DF2S8.2CT Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
|
1 / 6 page ![]() DF2S8.2CT 1 ESD Protection Diodes Silicon Epitaxial Planar DF2S8.2CT Start of commercial production 2014-08 1. Applications • ESD Protection Note: This product is designed for protection against electrostatic discharge (ESD) and is not intended for any other purpose, including, but not limited to, voltage regulation. 2. Packaging and Internal Circuit CST2 1: Cathode 2: Anode 3. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25�) Characteristics Electrostatic discharge voltage (IEC61000-4-2)(Contact) Junction temperature Storage temperature Symbol VESD Tj Tstg Rating ±30 150 -55 to 150 Unit kV � � Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 2022-02-09 Rev.5.0 ©2022 Toshiba Electronic Devices & Storage Corporation |
Numéro de pièce similaire - DF2S8.2CT |
|
Description similaire - DF2S8.2CT |