Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APTGS10X120BTP2 Fiches technique(PDF) 4 Page - Advanced Power Technology

No de pièce APTGS10X120BTP2
Description  Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGS10X120BTP2 Fiches technique(HTML) 4 Page - Advanced Power Technology

  APTGS10X120BTP2 Datasheet HTML 1Page - Advanced Power Technology APTGS10X120BTP2 Datasheet HTML 2Page - Advanced Power Technology APTGS10X120BTP2 Datasheet HTML 3Page - Advanced Power Technology APTGS10X120BTP2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTGS10X120RTP2
APTGS10X120BTP2
APT website – http://www.advancedpower.com
4 - 4
4. Package outline
PIN 1
PIN 24
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4