Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75411ES Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC75411ES
Description  Electronic Volume Controller for Car Audio Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75411ES Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC75411ES Datasheet HTML 1Page - Sanyo Semicon Device LC75411ES Datasheet HTML 2Page - Sanyo Semicon Device LC75411ES Datasheet HTML 3Page - Sanyo Semicon Device LC75411ES Datasheet HTML 4Page - Sanyo Semicon Device LC75411ES Datasheet HTML 5Page - Sanyo Semicon Device LC75411ES Datasheet HTML 6Page - Sanyo Semicon Device LC75411ES Datasheet HTML 7Page - Sanyo Semicon Device LC75411ES Datasheet HTML 8Page - Sanyo Semicon Device LC75411ES Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
No. 6928-2/33
LC75411ES, 75411WS
Package Dimensions
unit: mm
3148-QIP44MA
unit: mm
3163A-SQFP48
0.8
11.6
0.35
10.0
13.2
1.0
1
11
12
22
23
33
34
44
1.0
1.6
0.8
2.5
0.2
0.1
SANYO: QIP44MA
[LC75411ES]
0.5
0.15
0.18
0.75
0.5
0.75
0.5
7.0
9.0
SANYO: SQFP48
[LC75411WS]
Pin Assignment
[LC75411ES]
5
4
3
2
1
44
43
42
41
40
39
38
37
36
35
34
24
25
26
27
28
29
30
33
32
31
23
16
15
14
13
12
11
10
9
8
7
6
22
21
20
19
18
17
LSELO
L4
L3
L2
L1
LC75411ES
VDD
Vref
R1
R4
R3
R2
RFIN
RFOUT
RROUT
TIM
TEST
CE
DI
CL
VSS
LROUT
LFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33