Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMMA0ES Fiches technique(PDF) 70 Page - NXP Semiconductors

No de pièce MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Fiches technique(HTML) 70 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 66Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 67Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 68Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 69Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 70Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 71Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 72Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 73Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
4
GPIO2_RT
GPIO2 input state (after deglitcher).
1b'0 — GPIO2 pin is low.
1b'1 — GPIO2 pin is high.
Reset Condition — POR
3
GPIO1_RT
GPIO1 input state (after deglitcher).
1b'0 — GPIO1_VDDOTP pin is low.
1b'1 — GPIO1_VDDOTP pin is high.
Reset Condition — POR
2
GPIO3_OUTPUT
GPIO3 output control if programmed as output by OTP_GPIO3_
CFG[1:0].
Applied to the output only when GPIO3_OUTPUT = NOT(NOT_
GPIO3_OUTPUT).
1b'0 — GPIO3 pin output driven low.
1b'1 — GPIO3 pin output HZ (pull-up).
Reset Condition — POR
1
GPIO2_OUTPUT
GPIO2 output control if programmed as output by OTP_GPIO2_
CFG[1:0].
Applied to the output only when GPIO2_OUTPUT = NOT(NOT_
GPIO2_OUTPUT).
1b'0 — GPIO2 pin output driven low.
1b'1 — GPIO2 pin output HZ (pull-up).
Reset Condition — POR
0
GPIO1_OUTPUT
GPIO1 output control if programmed as output by OTP_GPIO1_
CFG[1:0].
Applied to the output only when GPIO1_OUTPUT = NOT(NOT_
GPIO1_OUTPUT).
1b'0 — GPIO1_VDDOTP pin output driven low.
1b'1 — GPIO1_VDDOTP pin output HZ (pull-up) Reset Condition —
POR.
Table 60. GPIO_CTRL register description...continued
18.1.6 NOT_GPIO_CTRL register
Bit
Symbol
Description
2
NOT_GPIO3_OUTPUT
GPIO3 output control.
1b'0 — See GPIO3_OUTPUT in GPIO_CTRL register.
1b'1 — See GPIO3_OUTPUT in GPIO_CTRL register.
Reset Condition — POR
1
NOT_GPIO2_OUTPUT
GPIO2 output control
1b'0 — See GPIO2_OUTPUT in GPIO_CTRL register.
1b'1 — See GPIO2_OUTPUT in GPIO_CTRL register.
Reset Condition — POR
0
NOT_GPIO1_OUTPUT
GPIO1 output control
1b'0 — See GPIO1_OUTPUT in GPIO_CTRL register.
1b'1 — See GPIO1_OUTPUT in GPIO_CTRL register.
Reset Condition — POR
Table 61. NOT_GPIO_CTRL register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
70 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More