Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS5600 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 4Page - NXP Semiconductors FS5600 Datasheet HTML 5Page - NXP Semiconductors FS5600 Datasheet HTML 6Page - NXP Semiconductors FS5600 Datasheet HTML 7Page - NXP Semiconductors FS5600 Datasheet HTML 8Page - NXP Semiconductors FS5600 Datasheet HTML 9Page - NXP Semiconductors FS5600 Datasheet HTML 10Page - NXP Semiconductors FS5600 Datasheet HTML 11Page - NXP Semiconductors FS5600 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
8 ESD Ratings
Symbol
Rating
Min
Unit
Human Body Model – all pins[1][2]
±2000
Charge Device Model – All pins[3][2]
±500
VESD
GUN discharged contact test – 2 kΩ/150 pF; 2 kΩ/300 pF; 300 Ω/150 pF –
Global pins[4]
±8000
V
Table 4. ESD ratings
[1]
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device Model (CDM),
Robotic (CZAP = 4.0 pF)
[2]
In accordance with AEC-Q-100 Rev H
[3]
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device Model (CDM),
Robotic (CZAP = 4.0 pF
[4]
In accordance with IEC61000-4-2 and ISO10605.2008
Caution
This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part.
Caution
This is an ESD sensitive device, improper handling can cause permanent damage to the part.
9 Thermal Characteristics
Symbol
Description (Rating)
Min
Max
Unit
TA
Ambient Operating Temperature Range (Automotive)
–40
125
°C
TA
Ambient Operating Temperature Range (Industrial)
–40
105
°C
TJ
Operating Junction Temperature Range
–40
150
°C
TPPRT
Peak package reflow temperature
—
260
°C
TST
Storage Temperature Range
–55
150
°C
Table 5. Temperature range
Rating
Board Type
Symbol
Value
Unit
Junction to Ambient Thermal Resistance[1]
JESD51-9, 2s2p
RθJA
36.3
°C/W
Junction-to-Top of Package Thermal Characterization
Parameter[1]
JESD51-9, 2s2p
ΨJT
4.5
°C/W
Junction to Ambient Thermal Resistance[1]
Customized, 2s4p
RθJA
31.7
°C/W
Junction-to-Top of Package Thermal Characterization
Parameter[1]
Customized, 2s4p
ΨJT
4.4
°C/W
Table 6. QFN32 thermal resistance and package dissipation ratings
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
8 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com