Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL3501 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce GL3501
Description  IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GL3501 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  GL3501 Datasheet HTML 1Page - Pan Jit International Inc. GL3501 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-SEP.12.2004
Fig.3 TYPICAL FORWARD CHARACTERISTIC
Fig.2 TYPICAL REVERSE CHARACTEISTICS
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
Fig.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE, C
O
0
10
20
30
40
20
40
60
80
100
120
1
1
45
00
T=25 C
J
O
0
0.01
0.1
1.0
10
100
20
40
60
80
100
T=
C
J150
O
V
=50-400V
V
=600-800V
RRM
RRM
0.4
0.01
0.1
1.0
10
100
0.6
0.8
1.0
1.2
1.4
1.6
T=25 C
Pulse Width=300us
1% Duty Cycle
J
O



Html Pages

1 2