Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSL0903VT1 Fiches technique(PDF) 5 Page - Rohm

No de pièce CSL0903VT1
Description  Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

CSL0903VT1 Fiches technique(HTML) 5 Page - Rohm

  CSL0903VT1 Datasheet HTML 1Page - Rohm CSL0903VT1 Datasheet HTML 2Page - Rohm CSL0903VT1 Datasheet HTML 3Page - Rohm CSL0903VT1 Datasheet HTML 4Page - Rohm CSL0903VT1 Datasheet HTML 5Page - Rohm CSL0903VT1 Datasheet HTML 6Page - Rohm CSL0903VT1 Datasheet HTML 7Page - Rohm CSL0903VT1 Datasheet HTML 8Page - Rohm CSL0903VT1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
[CSL0903VT1]
    
[Data Sheet]
【 PACKAGING REQUIREMENTS】
1. PACKING
 (1) One reel is packed in aluminum bag.
   The size of aluminum bag is 240(a)×250~280(b)mm.
 (2) Aluminum bag is sealed by pressured for all directions.
 (3) Insert the moisture indicator card to the aluminum bag.
 
(4) Print the “Electrical-Static Warning mark”label and
  
“MSL (Moisture Sensitivity Level : JEDEC compatible”label on the back side of aluminum bag.
【Back side】
【Front side】
Label position (Refer next page)
Electrical-Static Warning Mark
MSL (Moisture Sensitivity Level)
handling caution
b
a
5/15
2022.7 - Rev.002
www.rohm.com
©2022 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17