Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL16XCB70WCIB Fiches technique(PDF) 47 Page - Advanced Micro Devices

No de pièce AM29DL16XCB70WCIB
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XCB70WCIB Fiches technique(HTML) 47 Page - Advanced Micro Devices

Back Button AM29DL16XCB70WCIB Datasheet HTML 43Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 44Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 45Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 46Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 47Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 48Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 49Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 50Page - Advanced Micro Devices AM29DL16XCB70WCIB Datasheet HTML 51Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
Am29DL16xC
47
P R E L I M I NARY
PHYSICAL DIMENSIONS
SSO056—56-Pin Shrink Small Outline Package (SSOP) (measured in millimeters)
SEE DETAIL "G"
SEE DETAIL "B"
0.20 M C
C
A
SS
B
0.20 M C A
SS
B
0.10
56
29
128
Index Area
13.10
13.50
15.70
16.30
16-038-SSO56-2_AB
ES107
9.15.98 lv
23.40
24.00
SEATING PLANE
0.80 BSC
0.25
0.45
0.45
0.65
1.15
1.35
2.00
MAX
GAUGE PLANE
SEATING PLANE
DETAIL "G"
0.60
1.00
0.09 Min
0
°
8
°
A
A
0.25
0.40 BSC
Even Lead Sides
X = D or F
DETAIL "B"
With Lead Finish
0.10
0.21
0.10
0.18
0.30
0.40
0.25
0.45
Base Metal
SECTION A-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51