| Moteur de recherche de fiches techniques de composants électroniques |
|
KVR-5R0V155-R Fiches technique(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
KVR-5R0V155-R Fiches technique(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 5 page ![]() 3 Technical Data ELX1175 Effective May 2022 KVR Supercapacitors Coin cells www.eaton.com/electronics Dimensions (mm) and mass (g) V type (Vertical) Part number OD +0.3/-0.1 H ±0.5 L ±0.2 P ±0.5 T ±0.05 W ±0.2 W 1 ref Mass (g) typical KVR-5R0V105-R 19.1 20 4.0 5.0 0.2 1.0 5.2 3.5 KVR-5R0V155-R 19.1 20 4.0 5.0 0.2 1.0 5.2 3.5 H type (Horizontal) Part number OD +0.3/-0.1 H ±0.3 L ±0.2 P ±0.5 T ±0.05 W ±0.2 W 1 ref Mass (g) typical KVR-5R0H105-R 19.1 6.0 3.5 20 0.2 1.0 20 3.6 KVR-5R0H155-R 19.1 6.0 3.5 20 0.2 1.0 20 3.6 |