Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLED260S Fiches technique(PDF) 4 Page - Littelfuse

No de pièce PLED260S
Description  PLED Ultra Low Holding Current Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED260S Fiches technique(HTML) 4 Page - Littelfuse

  PLED260S Datasheet HTML 1Page - Littelfuse PLED260S Datasheet HTML 2Page - Littelfuse PLED260S Datasheet HTML 3Page - Littelfuse PLED260S Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLED Open LED Protectors
Revision: 10/15/18
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
PLED Ultra Low Holding Current Series
Part Marking System
PLX
XXXXX
Part Numbering System
Packaging
Package
Description
Packaging
Quantity
Industry
Standard
S
DO-214AA
2500
EIA-481-1
PLED 310 S
TYPE
PLED: LED Protector
V
PACKAGE TYPE
S:DO-214AA
BR
See Electrical
Characteristic table
DO-214 Embossed Carrier Reel Pack (RP)
Meets all EIA-481-1 Standards
PLED Application in Ballast Output LED Driver for Ignition
0.47
(12.0)
0.315
(8.0)
0.157
(4.0)
0.49
(12.5)
0.80 (20.2)
Arbor Hole Dia.
13.0 (330)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4