| Moteur de recherche de fiches techniques de composants électroniques |
|
PLED150S Fiches technique(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
PLED150S Fiches technique(HTML) 4 Page - Littelfuse |
|
4 / 4 page ![]() PLED Open LED Protectors Revision: 10/15/18 ©2018 Littelfuse, Inc. Specifications are subject to change without notice. PLED Ultra Low Holding Current Series Part Marking System PLX XXXXX Part Numbering System Packaging Package Description Packaging Quantity Industry Standard S DO-214AA 2500 EIA-481-1 PLED 310 S TYPE PLED: LED Protector V PACKAGE TYPE S:DO-214AA BR See Electrical Characteristic table DO-214 Embossed Carrier Reel Pack (RP) Meets all EIA-481-1 Standards PLED Application in Ballast Output LED Driver for Ignition 0.47 (12.0) 0.315 (8.0) 0.157 (4.0) 0.49 (12.5) 0.80 (20.2) Arbor Hole Dia. 13.0 (330) Dimensions are in inches (and millimeters). Direction of Feed 0.059 DIA (1.5) Cover tape Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics. |