| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC-3181SW Fiches technique(PDF) 1 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PPC-3181SW Fiches technique(HTML) 1 Page - Advantech Co., Ltd. |
|
1 / 2 page ![]() Features VisionNavi Introduction Advantech VisionNavi is a configurable GUI-based machine vision application software that facilitates developing and deploying machine vision applications without any programming skills. Flowchart and video instructions help lower your learning curve by following four simple steps in image capture, processing, conditional operators, and output results used to accomplish tasks. With its powerful alignment, gauging, inspection, and identification toolkits, VisionNavi supports a wide range of machine vision applications on the factory floor. Customers can define criteria for object classification or output data to standard communication protocol devices like position sensors, PLCs, and robots to meet Industry 4.0 requirements. Using APIs and VisionNavi, customized apps can be integrated with motion control and production systems. VisionNavi is designed with an open architecture, it supports standard x86 platforms and most popular GigE Vision cameras. Specifications Description Advanced level Machine Vision Application SW Entry level Machine Vision Application SW Part Number 36ASESRPVEFU01 36ASESRPVEAL01 36ASESRPVEID01 96PD-ESRP-VIFU01 96PD-ESRP-VIAL01 96PD-ESRP-VIID01 License FULL Alignment ID FULL Alignment ID Camera Interface GigE / USB 3.0 GigE Cameras QCAM(Advantech industrial cameras), and standard machine vision cameras QCAM(Advantech industrial cameras), ICAM(Advantech smart cameras1), and standard machine vision cameras No. of Cameras 4 6 Resolution up to 5M up to 20M Image Format Mono / Bayer Pattern Calibration V Preprocessing V Identification V(Advanced mode) X V(Advanced mode) V X V Alignment V(Advanced mode) V(Advanced mode) X V V X Gauge V(Advanced mode) V(Advanced mode) X V V X Sequence V Operator V Communication I/O, TCP/IP, MITSUBISHI MC, OMRON FINS I/O, TCP/IP, API OS Windows 10 64 bit Language English / Chinese simplified Display 1200 x 800 or above 1920 x 1080 or above 1 Available in 2021Q4 Machine Vision Edge Solution Ready Platform Intuitive GUI without programming skills Flexible licensing options including full, ID, alignment Supports up to six GigE vision cameras with up to 20M resolution in mono and bayer formats Supports conditional operator, external API for advanced applications All product specifications are subject to change without notice. Last updated: 3-Jun-2021 |
Numéro de pièce similaire - PPC-3181SW |
|
Description similaire - PPC-3181SW |