Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T810-800B Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce T810-800B
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810-800B Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button T810-800B Datasheet HTML 13Page - STMicroelectronics T810-800B Datasheet HTML 14Page - STMicroelectronics T810-800B Datasheet HTML 15Page - STMicroelectronics T810-800B Datasheet HTML 16Page - STMicroelectronics T810-800B Datasheet HTML 17Page - STMicroelectronics T810-800B Datasheet HTML 18Page - STMicroelectronics T810-800B Datasheet HTML 19Page - STMicroelectronics T810-800B Datasheet HTML 20Page - STMicroelectronics T810-800B Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
IMPORTANT NOTICE – PLEASE READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and improvements to ST
products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on ST products before placing orders. ST
products are sold pursuant to ST’s terms and conditions of sale in place at the time of order acknowledgement.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the design of
Purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. All other product or service names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2018 STMicroelectronics – All rights reserved
BTA08, BTB08, T810, T835, T850
DS2114 - Rev 15
page 21/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21