Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2003HLG Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TDA2003HLG
Description  10 W car radio audio amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003HLG Fiches technique(HTML) 5 Page - STMicroelectronics

  TDA2003HLG Datasheet HTML 1Page - STMicroelectronics TDA2003HLG Datasheet HTML 2Page - STMicroelectronics TDA2003HLG Datasheet HTML 3Page - STMicroelectronics TDA2003HLG Datasheet HTML 4Page - STMicroelectronics TDA2003HLG Datasheet HTML 5Page - STMicroelectronics TDA2003HLG Datasheet HTML 6Page - STMicroelectronics TDA2003HLG Datasheet HTML 7Page - STMicroelectronics TDA2003HLG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TDA2003LG
Package information
Doc ID 023486 Rev 2
5/8
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 5.
Pentawatt (vertical) mechanical data and package dimensions
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8