Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB16-600SWRG Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce BTB16-600SWRG
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16-600SWRG Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button BTB16-600SWRG Datasheet HTML 8Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 9Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 10Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 11Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 12Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 13Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 14Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 15Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Figure 15. D²PAK recommended footprint (dimensions are in mm)
16.90
10.30
3.70
5.08
1.30
8.90
T1610, T1635, T1650, BTA16, BTB16
D²PAK package information
DS2114 - Rev 11
page 12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18