Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AVR Fiches technique(PDF) 11 Page - TDK Electronics

No de pièce AVR
Description  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

AVR Fiches technique(HTML) 11 Page - TDK Electronics

Back Button AVR Datasheet HTML 4Page - TDK Electronics AVR Datasheet HTML 5Page - TDK Electronics AVR Datasheet HTML 6Page - TDK Electronics AVR Datasheet HTML 7Page - TDK Electronics AVR Datasheet HTML 8Page - TDK Electronics AVR Datasheet HTML 9Page - TDK Electronics AVR Datasheet HTML 10Page - TDK Electronics AVR Datasheet HTML 11Page - TDK Electronics AVR Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
(11/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
REEL DIMENSIONS
PACKAGE QUANTITY / INDIVIDUAL WEIGHT
TAPE DIMENSIONS
Packaging style
RoHS Directive Compliant Product
Compatible with lead-free solders
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
Dimensions in mm
0.8
14.0max.
9.0max.
Type
Package quantity Individual weight
(pieces/reel)
(mg)
AVRM0402/AVRL04/SNGE04
20,000
0.1
AVRM0603/AVR-M0603/AVRL06/
SGNE06
15,000
0.2
AVRM1005/AVR-M1005/AVRL10/
AVRH10
10,000
1.2
AVRM1608/AVR-M1608/AVRL16
4,000
5
AVRM2012/AVR-M2012
2,000
13
Dimensions in mm
Type
A
B
P1
T
0402
0.26±0.04
0.46±0.04
2.0±0.05
0.40max.
0603
0.38±0.05
0.68±0.05
2.0±0.05
0.45max.
1005
0.65+0.05/–0.1
1.15+0.05/–0.1
2.0±0.05
0.65max.
1608
1.1±0.2
1.9±0.2
4.0±0.1
1.1max.
2012
1.5±0.2
2.3±0.2
4.0±0.1
1.1max
4.0±0.1
2.0±0.05
A
P1
T
1.5
+0.1
0
Dimensions in mm
160min.
Taping
200min.
200min.
Drawing direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12