Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P5NK50 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce P5NK50
Description  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK50 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button P5NK50 Datasheet HTML 21Page - STMicroelectronics P5NK50 Datasheet HTML 22Page - STMicroelectronics P5NK50 Datasheet HTML 23Page - STMicroelectronics P5NK50 Datasheet HTML 24Page - STMicroelectronics P5NK50 Datasheet HTML 25Page - STMicroelectronics P5NK50 Datasheet HTML 26Page - STMicroelectronics P5NK50 Datasheet HTML 27Page - STMicroelectronics P5NK50 Datasheet HTML 28Page - STMicroelectronics P5NK50 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Revision history
Table 18. Document revision history
Date
Version
Changes
16-Jun-2004
4
D2PAK Included. New Stylesheet.
06-Sep-2005
5
Inserted Ecopack indication
18-Sep-2018
6
The part number STB5NK50Z has been moved to a separate datasheet.
Added part number STU5NK50Z.
Updated Section 4 Package information.
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
DS2834 - Rev 6
page 27/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29