| Moteur de recherche de fiches techniques de composants électroniques |
|
STSPIN233 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN233 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() Description STSPIN233 14/22 DocID031111 Rev 1 Figure 4. Overcurrent and short-circuit protections management The total disable time after an overcurrent event can be set sizing properly the external network connected to the EN\FAULT pin (refer to Figure 4). Equation 1 tDIS = tdischarge + tcharge But tcharge is normally very higher than tdischarge, we can consider only the second one contribution: Equation 2 Where VDD is the pull-up voltage of the REN resistor. tDIS REN CEN In VDD REN IPD – V RELEASE – VDD REN IPD – V IH – -------------------------------------------------------------------------------- |