| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM34TR Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM34TR Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 121 page ![]() DS10272 Rev 8 23/121 STPM32, STPM33, STPM34 Electrical characteristics 121 Pin programmability Table 6. Programmable pin functions Name Multiplexed function Functional description I/O CLKOUT/ZCR System clock signal Clock signals (DCLK, SCLK, MCLK, CLKIN) Output Zero-crossing Line voltage/current zero-crossing LED1 Programmable pulse 1 Primary channel energies (A, AF, R, S)(1) 1. A: active wideband; AF: active fundamental; R: reactive; S: apparent. Output Secondary channel energies (A, AF, R, S) Primary ± secondary channel energies (A, AF, R, S) SD out current (DATI1) Sigma-delta bitstream of primary current channel LED2 Programmable pulse 2 Primary channel energies (A, AF, R, S) Output Secondary channel energies (A, AF, R, S) Primary ± secondary channel energies (A, AF, R, S) SD current (DATI2) Sigma-delta bitstream of secondary current channel INT1 Interrupt Programmable interrupt 1 Output SD voltage (DATV1) Sigma-delta bitstream of primary voltage INT2 Interrupt Programmable interrupt 2 Output SD out voltage (DATV2) Sigma-delta bitstream of secondary voltage SCS SPI/UART select Serial port selection at power-up Output Chip-select SPI/UART chip-select MOSI/RXD SPI master OUT slave IN SPI Input UART RX UART MISO/TXD SPI master IN slave OUT SPI Output UART TX UART |