Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM32 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Fiches technique(HTML) 4 Page - STMicroelectronics

  STPM32_V01 Datasheet HTML 1Page - STMicroelectronics STPM32_V01 Datasheet HTML 2Page - STMicroelectronics STPM32_V01 Datasheet HTML 3Page - STMicroelectronics STPM32_V01 Datasheet HTML 4Page - STMicroelectronics STPM32_V01 Datasheet HTML 5Page - STMicroelectronics STPM32_V01 Datasheet HTML 6Page - STMicroelectronics STPM32_V01 Datasheet HTML 7Page - STMicroelectronics STPM32_V01 Datasheet HTML 8Page - STMicroelectronics STPM32_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
Contents
STPM32, STPM33, STPM34
4/121
DS10272 Rev 8
11.2
QFN32L (5x5x1) 0.5 pitch package information . . . . . . . . . . . . . . . . . . . 117
11.3
QFN24L (4x4x1) packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
11.4
QFN32L (5x5x1) packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More