| Moteur de recherche de fiches techniques de composants électroniques |
|
STNRGPF12TR Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF12TR Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 43 page ![]() List of figures Figure 1. STNRGPF02: Inrush current limiter with resistor in series to output capacitor ......................... 4 Figure 2. STNRFPF12: Inrush current limiter with controlled rectifier bridge ................................. 4 Figure 3. STNRGPF12 control scheme .......................................................... 5 Figure 4. STNRGPFx2 Block diagram ........................................................... 6 Figure 5. Voltage loop and current reference ...................................................... 7 Figure 6. Vin, Measurement.................................................................. 8 Figure 7. Temperature measurement ........................................................... 8 Figure 8. Vin, Iout and Vout Measurement ........................................................ 9 Figure 9. Channel current measurement ........................................................ 10 Figure 10. Analog comparators section .......................................................... 11 Figure 11. Driving & interleaving............................................................... 12 Figure 12. Programming section............................................................... 13 Figure 13. Status Indicator .................................................................. 13 Figure 14. Start-Up sequence ................................................................ 14 Figure 15. Inrush Current Limiter function with limiter resistor and bypass relay .............................. 14 Figure 16. Digital Inrush Current Limiter function with a semi-controlled input bridge ........................... 15 Figure 17. Digital Inrush Current Limiter function: sequence of driving of the SCR ............................ 15 Figure 18. Running mode or Burst mode ......................................................... 16 Figure 19. Fan Control function ............................................................... 17 Figure 20. STNRGPF12 - TSSOP38 pinout ....................................................... 18 Figure 21. STNRGPF02 - TSSOP38 pinout ....................................................... 19 Figure 22. Supply current measurement conditions.................................................. 22 Figure 23. Pin loading conditions .............................................................. 23 Figure 24. Pin input voltage .................................................................. 23 Figure 25. External capacitor CVOUT ........................................................... 25 Figure 26. VOH normal pin................................................................... 28 Figure 27. VOL normal pin ................................................................... 28 Figure 28. VOH fast I/Os pins ................................................................. 29 Figure 29. VOL fast I/Os pins ................................................................. 29 Figure 30. VOH CLOCK pin .................................................................. 30 Figure 31. VOL CLOCK pin .................................................................. 30 Figure 32. TSSOP38 package outline ........................................................... 34 STNRGPF02, STNRGPF12 List of figures DS12895 - Rev 2 page 42/43 |