Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRGPF02TR Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STNRGPF02TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STNRGPF02TR Datasheet HTML 35Page - STMicroelectronics STNRGPF02TR Datasheet HTML 36Page - STMicroelectronics STNRGPF02TR Datasheet HTML 37Page - STMicroelectronics STNRGPF02TR Datasheet HTML 38Page - STMicroelectronics STNRGPF02TR Datasheet HTML 39Page - STMicroelectronics STNRGPF02TR Datasheet HTML 40Page - STMicroelectronics STNRGPF02TR Datasheet HTML 41Page - STMicroelectronics STNRGPF02TR Datasheet HTML 42Page - STMicroelectronics STNRGPF02TR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
List of figures
Figure 1.
STNRGPF02: Inrush current limiter with resistor in series to output capacitor ......................... 4
Figure 2.
STNRFPF12: Inrush current limiter with controlled rectifier bridge ................................. 4
Figure 3.
STNRGPF12 control scheme .......................................................... 5
Figure 4.
STNRGPFx2 Block diagram ........................................................... 6
Figure 5.
Voltage loop and current reference ...................................................... 7
Figure 6.
Vin, Measurement.................................................................. 8
Figure 7.
Temperature measurement ........................................................... 8
Figure 8.
Vin, Iout and Vout Measurement ........................................................ 9
Figure 9.
Channel current measurement ........................................................ 10
Figure 10.
Analog comparators section .......................................................... 11
Figure 11.
Driving & interleaving............................................................... 12
Figure 12.
Programming section............................................................... 13
Figure 13.
Status Indicator .................................................................. 13
Figure 14.
Start-Up sequence ................................................................ 14
Figure 15.
Inrush Current Limiter function with limiter resistor and bypass relay .............................. 14
Figure 16.
Digital Inrush Current Limiter function with a semi-controlled input bridge ........................... 15
Figure 17.
Digital Inrush Current Limiter function: sequence of driving of the SCR ............................ 15
Figure 18.
Running mode or Burst mode ......................................................... 16
Figure 19.
Fan Control function ............................................................... 17
Figure 20.
STNRGPF12 - TSSOP38 pinout ....................................................... 18
Figure 21.
STNRGPF02 - TSSOP38 pinout ....................................................... 19
Figure 22.
Supply current measurement conditions.................................................. 22
Figure 23.
Pin loading conditions .............................................................. 23
Figure 24.
Pin input voltage .................................................................. 23
Figure 25.
External capacitor CVOUT ........................................................... 25
Figure 26.
VOH normal pin................................................................... 28
Figure 27.
VOL normal pin ................................................................... 28
Figure 28.
VOH fast I/Os pins ................................................................. 29
Figure 29.
VOL fast I/Os pins ................................................................. 29
Figure 30.
VOH CLOCK pin .................................................................. 30
Figure 31.
VOL CLOCK pin .................................................................. 30
Figure 32.
TSSOP38 package outline ........................................................... 34
STNRGPF02, STNRGPF12
List of figures
DS12895 - Rev 2
page 42/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43