Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRGPF12 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STNRGPF12
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STNRGPF12 Datasheet HTML 9Page - STMicroelectronics STNRGPF12 Datasheet HTML 10Page - STMicroelectronics STNRGPF12 Datasheet HTML 11Page - STMicroelectronics STNRGPF12 Datasheet HTML 12Page - STMicroelectronics STNRGPF12 Datasheet HTML 13Page - STMicroelectronics STNRGPF12 Datasheet HTML 14Page - STMicroelectronics STNRGPF12 Datasheet HTML 15Page - STMicroelectronics STNRGPF12 Datasheet HTML 16Page - STMicroelectronics STNRGPF12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Figure 12. Programming section
3.6
Status indicator
The STNRGPFx2 include two pin to identify the running or fault status. These functions are defined on Pin 14 and
Pin 15 (See Figure 13 )
Figure 13. Status Indicator
3.7
Start-up & Inrush Current Limiter function
The start-up function can be divided in two phases. The first phase is the Inrush Current Limiter and the second
phase is the PFC Soft Power-On.
STNRGPF02, STNRGPF12
Status indicator
DS12895 - Rev 2
page 13/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43