| Moteur de recherche de fiches techniques de composants électroniques |
|
STF826 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF826 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() Rev 1 October 2005 1/10 10 Features ■ SURFACE MOUNTING DEVICES IN MEDIUM POWER SOT-223 AND SOT-89 PACKAGES ■ AVAILABLE IN TAPE & REEL PACKING ■ IN COMPLIANCE WITH THE 2002/93/EC EUROPEAN DIRECTIVE Applications ■ VOLTAGE REGULATION ■ RELAY DRIVER ■ GENERIC SWITCH Description The STF826 and STN826 are PNP transistors manufactured using planar Technology resulting in rugged high performance devices. Order codes Internal Schematic Diagram SOT-223 SOT-89 1 2 2 3 Part Number Marking Package Packing STF826 826 SOT-89 Tape & reel STN826 N826 SOT-223 Tape & reel STF826 STN826 PNP MEDIUM POWER TRANSISTORS www.st.com |
Numéro de pièce similaire - STF826 |
|
Description similaire - STF826 |