Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF826 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STF826
Description  PNP MEDIUM POWER TRANSISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF826 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STF826_V01 Datasheet HTML 2Page - STMicroelectronics STF826_V01 Datasheet HTML 3Page - STMicroelectronics STF826_V01 Datasheet HTML 4Page - STMicroelectronics STF826_V01 Datasheet HTML 5Page - STMicroelectronics STF826_V01 Datasheet HTML 6Page - STMicroelectronics STF826_V01 Datasheet HTML 7Page - STMicroelectronics STF826_V01 Datasheet HTML 8Page - STMicroelectronics STF826_V01 Datasheet HTML 9Page - STMicroelectronics STF826_V01 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3 Package Mechanical Data
STF826 - STN826
6/10
3
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10