Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS116L-X Fiches technique(PDF) 2 Page - Advanced Monolithic Systems

No de pièce AMS116L-X
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADMOS [Advanced Monolithic Systems]
Site Internet  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS116L-X Fiches technique(HTML) 2 Page - Advanced Monolithic Systems

  AMS116L-X Datasheet HTML 1Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 2Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 3Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 4Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 5Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 6Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMS116
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage
18V
Maximum Junction Temperature
+125
°C
Operating Voltage Range
2.5V to 16V
Storage Temperature
-65
°C to +150°C
Load Current
150mA
Lead Temperature (Soldering 25 sec)
265
°C
Internal Power Dissipation
Internally Limited
ESD
2000V
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TJ=25°C, C2 = 100µF unless otherwise specified.
PARAMETER
CONDITIONS
(Note 2)
Min.
AMS116-X
Typ.
Max.
Units
Output Voltage
V
IN
= VOUT+3V
-3
+3
%
Line Regulation
V
IN
= VOUT+3V to 14V
2
30
mV
Load Regulation
5mA
≤I
O
≤ 100 mA
15
60
mV
Dropout Voltage
IO ≤ 30 mA
IO = 100 mA
80
170
150
330
mV
mV
Quiescent Current
IO ≤ 10 mA, V
IN
= VOUT+3V to 14V
400
1000
µA
Ripple Rejection
fO = 120Hz
80
dB
Temperature Coefficient
IO ≤ 10 mA, V
IN
= VOUT+3V to 14V
±.35
mV/
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test
conditions, see the Electrical Characteristics tables.
Note 2: See Circuit in Typical Applications. To ensure constant junction temperature, low duty cycle pulse testing is used.
Note 3: Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ =
25
°C.
V
IN
+
+
V
OUT
Figure 1. SOT-89 Board Layout
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4 5 6 7