Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8540 Fiches technique(PDF) 141 Page - Freescale Semiconductor, Inc

No de pièce MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Fiches technique(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-23
0x0_8C90
POWAR4—PCI/X outbound window 4 attributes
register
R/W
0x0000_0000
16.3.1.2.4/16-22
0x0_8C94–
0x0_8D9C
Reserved
—
—
0x0_8DA0–0x0_8DBC–Inbound Window 3
0x0_8DA0
PITAR3—PCI/X inbound window 3 translation
address register
R/W
0x0000_0000
16.3.1.3.1/16-25
0x0_8DA4
Reserved
—
—
0x0_8DA8
PIWBAR3—PCI/X inbound window 3 base address
register
R/W
0x0000_0000
16.3.1.3.2/16-25
0x0_8DAC
PIWBEAR3—PCI/X inbound window 3 base
extended address register
R/W
0x0000_0000
16.3.1.3.3/16-26
0x0_8DB0
PIWAR3—PCI/X inbound window 3 attributes register
R/W
0x0000_0000
16.3.1.3.4/16-26
0x0_8DB4–
0x0_8DBC
Reserved
—
—
0x0_8DC0–0x0_8DDC–Inbound Window 2
0x0_8DC0
PITAR2—PCI/X inbound window 2 translation
address register
R/W
0x0000_0000
16.3.1.3.1/16-25
0x0_8DC4
Reserved
—
—
0x0_8DC8
PIWBAR2—PCI/X inbound window 2 base address
register
R/W
0x0000_0000
16.3.1.3.2/16-25
0x0_8DCC
PIWBEAR2—PCI/X inbound window 2 base
extended address register
R/W
0x0000_0000
16.3.1.3.3/16-26
0x0_8DD0
PIWAR2—PCI/X inbound window 2 attributes register
R/W
0x0000_0000
16.3.1.3.4/16-26
0x0_8DD4–
0x0_8DDC
Reserved
—
—
0x0_8DE0–0x0_8DFC–Inbound Window 1
0x0_8DE0
PITAR1—PCI/X inbound window 1 translation
address register
R/W
0x0000_0000
16.3.1.3.1/16-25
0x0_8DE4
Reserved
—
—
0x0_8DE8
PIWBAR1—PCI/X inbound window 1 base address
register
R/W
0x0000_0000
16.3.1.3.2/16-25
0x0_8DEC
Reserved
—
—
0x0_8DF0
PIWAR1—PCI/X inbound window 1 attributes register
R/W
0x0000_0000
16.3.1.3.4/16-26
0x0_8DF4–
0x0_8DFC
Reserved
—
—
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More