| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8540 Fiches technique(PDF) 260 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Fiches technique(HTML) 260 Page - Freescale Semiconductor, Inc |
|
260 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 6-10 Freescale Semiconductor Core Register Summary CR0[2] 34 00010 Zero (EQ)—Set when the result is zero. For SPE APU vector compare and vector test instructions: Set to the OR of the result of the compare of the high and low elements. CR0[3] 35 00011 Summary overflow (SO). Copy of XER[SO] at the instruction’s completion. For SPE APU vector compare and vector test instructions: Set to the AND of the result of the compare of the high and low elements. CR1[0] 36 00100 Negative (LT) For SPE APU vector compare and vector test instructions: Set if the high-order element of rA is equal to the high-order element of rB; cleared otherwise. CR1[1] 37 00101 Positive (GT) For SPE APU vector compare and vector test instructions: Set if the low-order element of rA is equal to the low-order element of rB; cleared otherwise. CR1[2] 38 00110 Zero (EQ) For SPE APU vector compare and vector test instructions: Set to the OR of the result of the compare of the high and low elements. CR1[3] 39 00111 Summary overflow (SO) For SPE APU vector compare and vector test instructions: Set to the AND of the result of the compare of the high and low elements. CRn[0] 40 44 48 52 56 60 01000 01100 10000 10100 11000 11100 Less than (LT) For integer compare instructions: rA < SIMM or rB (signed comparison) or rA < UIMM or rB (unsigned comparison). For SPE APU vector compare and vector test instructions: Set if the high-order element of rA is equal to the high-order element of rB; cleared otherwise. CRn[1] 41 45 49 53 57 61 01001 01101 10001 10101 11001 11101 Greater than (GT) For integer compare instructions: rA > SIMM or rB (signed comparison) or rA > UIMM or rB (unsigned comparison). For SPE APU vector compare and vector test instructions: Set if the low-order element of rA is equal to the low-order element of rB; cleared otherwise. CRn[2] 42 46 50 54 58 62 01010 01110 10010 10110 11010 11110 Equal (EQ) For integer compare instructions: rA = SIMM, UIMM, or rB. For SPE APU vector compare and vector test instructions: Set to the OR of the result of the compare of the high and low elements. CRn[3] 43 47 51 55 59 63 01011 01111 10011 10111 11011 11111 Summary overflow (SO) For integer compare instructions, this is a copy of XER[SO] at the completion of the instruction. For SPE APU vector compare and vector test instructions: Set to the AND of the result of the compare of the high and low elements. Table 6-4. BI Operand Settings for CR Fields (continued) CRn Bits CR Bits BI Description |