| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8540 Fiches technique(PDF) 222 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Fiches technique(HTML) 222 Page - Freescale Semiconductor, Inc |
|
222 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 5-8 Freescale Semiconductor Core Complex Overview Figure 5-2. Four-Stage MU Pipeline, Showing Divide Bypass The MU has the following features: — Four-cycle latency for all multiplication, including SPE integer and fractional multiply instructions and embedded scalar and vector floating-point multiply instructions — Variable-latency divide: 4, 11, 19, and 35 cycles for all integer divide instructions. If rA or rB is zero, floating-point divide instructions take 4 cycles. All others take 29. Note that although most divide instructions take more than 4 cycles to execute, the MU allows subsequent multiply instructions to execute through all four MU stages in parallel with the divide. — Four-cycle floating-point add and subtract • Load/store unit (LSU) is shown in Figure 5-3. Upper Lower MU-3 MU-1 MU-2 Divide Bypass Path Postdivide Divide Reservation Station From GIQ0 or GIQ1 MU-4 |