Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8540 Fiches technique(PDF) 212 Page - Freescale Semiconductor, Inc

No de pièce MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Fiches technique(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-26
Freescale Semiconductor
Reset, Clocking, and Initialization
Figure 4-8. RTC and Core Timer Facilities Clocking Options
RTC
(Sampled and
Synchronized)
HID0
TBEN
SEL_TBCLK
Core Time Base (Incrementer)
Decrementer Event
63
DECAR
32
Auto-Reload
63
32
63
32
(Decrementer)
Watchdog timer events based on one of the
64 TB bits selected by concatenating
TCR[WPEXT] with the EIS-defined TCR[WP]
(WPEXT||WP).
DEC
TBU
TBL
Core Timer
e500 Core
8
÷
CCB
Clock
•
•
•
•
•
•
Note: The logic circuits shown depict functional relationships only; they do not represent
physical implementation details.
(0
⇒ 1 Detect)
Facilities Clock
Fixed-interval timer events based on one of
the 64 TB bits selected by concatenating
TCR[FPEXT] with the EIS-defined TCR[FP]
(FPEXT||FP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More