Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC44BS373CAD Fiches technique(PDF) 41 Page - Motorola, Inc

No de pièce MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Fiches technique(HTML) 41 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 37Page - Motorola, Inc MC44BS373CAD Datasheet HTML 38Page - Motorola, Inc MC44BS373CAD Datasheet HTML 39Page - Motorola, Inc MC44BS373CAD Datasheet HTML 40Page - Motorola, Inc MC44BS373CAD Datasheet HTML 41Page - Motorola, Inc MC44BS373CAD Datasheet HTML 42Page - Motorola, Inc MC44BS373CAD Datasheet HTML 43Page - Motorola, Inc MC44BS373CAD Datasheet HTML 44Page - Motorola, Inc MC44BS373CAD Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
41
Packaging Instructions
20 Packaging Instructions
Tape and reel packaging is per 12MRH00360A issue Y with the following conditions applicable for dual
in-line SOP (SOIC) package and quad flat pack no lead square (QFN).
Figure 24. Dual In-line SOP (SOIC)
Component orientation: Arrange parts with the pin-1 side closest to the tape’s round sprocket holes on the
tape’s trailing edge.
Figure 25. Quad Flat Pack No Lead Square
Moisture sensitivity levels are as follows:
•
MC44BS373CAD,R2—Moisture sensitivity level 1, no dry pack required
•
MC44BS373CAFC,R2 lead free packages—Moisture sensitivity level 3, dry pack required
•
MC44BS373CAEF,R2 lead free packages—Moisture sensitivity level 3, dry pack required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52