Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151VBH7ADTR Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STM32L151VBH7ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH7ADTR Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STM32L151VBH7ADTR Datasheet HTML 39Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 40Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 41Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 42Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 43Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 44Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 45Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 46Page - STMicroelectronics STM32L151VBH7ADTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 129 page
background image
DocID024330 Rev 4
43/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Pin descriptions
51
67
41 D7 D11
29
PA8
I/O
FT
PA8
USART1_CK/MCO/
LCD_COM0
-
68
42 C7 D10 30
PA9
I/O
FT
PA9
USART1_TX/
LCD_COM1
-
69
43 C6 C12 31
PA10
I/O
FT
PA10
USART1_RX/
LCD_COM2
-
70
44 C8 B12
32
PA11
I/O
FT
PA11
USART1_CTS/
SPI1_MISO
USB_DM
71
45 B8 A12
33
PA12
I/O
FT
PA12
USART1_RTS/
SPI1_MOSI
USB_DP
72
46 A8 A11
34
PA13
I/O
FT
JTMS-
SWDIO
JTMS-SWDIO
-
73
-
-
C11
-
PH2
I/O
FT
PH2
-
-
74
47 D5 F11
35
VSS_2
S-
VSS_2
--
75
48 E5 G11 36
VDD_2
S-
VDD_2
--
76
49 A7 A10
37
PA14
I/O
FT
JTCK-
SWCLK
JCTK-SWCLK
-
77
50 A6
A9
38
PA15
I/O
FT
JTDI
TIM2_CH1_ETR/PA15/
SPI1_NSS/
LCD_SEG17
-
78
51 B7 B11
-
PC10
I/O
FT
PC10
USART3_TX/
LCD_SEG28/
LCD_SEG40/
LCD_COM4
-
79
52 B6 C10
-
PC11
I/O
FT
PC11
USART3_RX/
LCD_SEG29/
LCD_SEG41/
LCD_COM5
-
80
53 C5 B10
-
PC12
I/O
FT
PC12
USART3_CK/
LCD_SEG30/
LCD_SEG42/
LCD_COM6
-
81
-
-
C9
-
PD0
I/O
FT
PD0
SPI2_NSS/TIM9_CH1
-
Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More