Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151VB-A Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STM32L151VB-A
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VB-A Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STM32L151VB-A Datasheet HTML 35Page - STMicroelectronics STM32L151VB-A Datasheet HTML 36Page - STMicroelectronics STM32L151VB-A Datasheet HTML 37Page - STMicroelectronics STM32L151VB-A Datasheet HTML 38Page - STMicroelectronics STM32L151VB-A Datasheet HTML 39Page - STMicroelectronics STM32L151VB-A Datasheet HTML 40Page - STMicroelectronics STM32L151VB-A Datasheet HTML 41Page - STMicroelectronics STM32L151VB-A Datasheet HTML 42Page - STMicroelectronics STM32L151VB-A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
DocID024330 Rev 4
39/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Pin descriptions
51
Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions
1
-
-
B2
-
PE2
I/O
FT
PE2
TRACECLK/
LCD_SEG38/TIM3_ETR
-
2
-
-
A1
-
PE3
I/O
FT
PE3
TRACED0/
LCD_SEG39/TIM3_CH1
-
3
-
-
B1
-
PE4
I/O
FT
PE4
TRACED1/TIM3_CH2
-
4
-
-
C2
-
PE5
I/O
FT
PE5
TRACED2/TIM9_CH1
-
5
-
-
D2
-
PE6-WKUP3
I/O
FT
PE6
TRACED3/TIM9_CH2
WKUP3
/RTC_TAMP3
6
1
B2
E2
1
VLCD(3)
SVLCD
--
7
2
A2
C1
2
PC13-WKUP2
I/O
FT
PC13
-
RTC_TAMP1/
RTC_TS/
RTC_OUT/
WKUP2
83
A1
D1
3
PC14-
OSC32_IN(4)
I/O
TC
PC14
-
OSC32_IN
9
4
B1
E1
4
PC15-
OSC32_OUT
(4)
I/O
TC
PC15
-
OSC32_OUT
10
-
-
F2
-
VSS_5
S-
VSS_5
--
11
-
-
G2
-
VDD_5
S-
VDD_5
--
12
5C1F1
5
PH0-OSC_IN(5)
I/O
TC
PH0
-
OSC_IN
13
6
D1
G1
6
PH1-OSC_OUT
I/O
TC
PH1
-
OSC_OUT
14
7
E1
H2
7
NRST
I/O RST
NRST
-
-
15
8
E3
H1
-
PC0
I/O
FT
PC0
LCD_SEG18
ADC_IN10/
COMP1_INP
16
9
E2
J2
-
PC1
I/O
FT
PC1
LCD_SEG19
ADC_IN11/
COMP1_INP
17
10 F2
J3
-
PC2
I/O
FT
PC2
LCD_SEG20
ADC_IN12/
COMP1_INP
18
11 -(6)
K2
-
PC3
I/O
TC
PC3
LCD_SEG21
ADC_IN13/
COMP1_INP
19
12 F1
J1
8
VSSA
S-
VSSA
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More