| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L082CZ Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L082CZ Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 132 page ![]() DS10688 Rev 7 41/132 STM32L082xx Pin descriptions 47 9 9 13 G7 PA3 I/O FT - TIM21_CH2, TIM2_CH4, TSC_G1_IO4, USART2_RX, LPUART1_RX COMP2_INP, ADC_IN3 10 10 14 F5 PA4 I/O TC (2) SPI1_NSS, TSC_G2_IO1, USART2_CK, TIM22_ETR COMP1_INM, COMP2_INM, ADC_IN4, DAC_OUT1 11 11 15 G6 PA5 I/O TC (2) SPI1_SCK, TIM2_ETR, TSC_G2_IO2, TIM2_CH1 COMP1_INM, COMP2_INM, ADC_IN5, DAC_OUT2 12 12 16 G5 PA6 I/O FT - SPI1_MISO, TIM3_CH1, TSC_G2_IO3, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 13 13 17 F4 PA7 I/O FT - SPI1_MOSI, TIM3_CH2, TSC_G2_IO4, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 14 14 18 G4 PB0 I/O FT - EVENTOUT, TIM3_CH3, TSC_G3_IO2 ADC_IN8, VREF_OUT 15 15 19 D3 PB1 I/O FT - TIM3_CH4, TSC_G3_IO3, LPUART1_RTS/ LPUART1_DE ADC_IN9, VREF_OUT - - 20 E3 PB2 I/O FT - LPTIM1_OUT, TSC_G3_IO4, I2C3_SMBA - - - 21 G3 PB10 I/O FT - TIM2_CH3, TSC_SYNC, LPUART1_TX, SPI2_SCK, I2C2_SCL, LPUART1_RX - - - 22 F3 PB11 I/O FT - EVENTOUT, TIM2_CH4, TSC_G6_IO1, LPUART1_RX, I2C2_SDA, LPUART1_TX - Table 15. STM32L082xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |