Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L062C8 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32L062C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32L062C8 Datasheet HTML 38Page - STMicroelectronics STM32L062C8 Datasheet HTML 39Page - STMicroelectronics STM32L062C8 Datasheet HTML 40Page - STMicroelectronics STM32L062C8 Datasheet HTML 41Page - STMicroelectronics STM32L062C8 Datasheet HTML 42Page - STMicroelectronics STM32L062C8 Datasheet HTML 43Page - STMicroelectronics STM32L062C8 Datasheet HTML 44Page - STMicroelectronics STM32L062C8 Datasheet HTML 45Page - STMicroelectronics STM32L062C8 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
Pin descriptions
STM32L062x8
42/124
DS10183 Rev 11
---
26
PB13
I/O
FTf
-
SPI2_SCK/I2S2_CK,
TSC_G6_IO3,
LPUART1_CTS,
I2C2_SCL, TIM21_CH1
-
---
27
PB14
I/O
FTf
-
SPI2_MISO/I
2S2_MCK, RTC_OUT,
TSC_G6_IO4,
LPUART1_RTS/
LPUART1_DE,
I2C2_SDA,
TIM21_CH2
-
---
28
PB15
I/O
FT
-
SPI2_MOSI/I2S2_SD,
RTC_REFIN
-
18
18
E1
29
PA8
I/O
FT
-
MCO,
USB_CRS_SYNC,
EVENTOUT,
USART1_CK
-
19
19
D1
30
PA9
I/O
FT
-
MCO, TSC_G4_IO1,
USART1_TX
-
20
20
C1
31
PA10
I/O
FT
-
TSC_G4_IO2,
USART1_RX
-
21
21
C2
32
PA11
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TSC_G4_IO3,
USART1_CTS,
COMP1_OUT
USB_DM
22
22
B1
33
PA12
I/O
FT
-
SPI1_MOSI,
EVENTOUT,
TSC_G4_IO4,
USART1_RTS/
USART1_DE,
COMP2_OUT
USB_DP
23
23
A1
34
PA13
I/O
FT
-
SWDIO, USB_NOE
-
---
35
VSS
S
-
-
-
-
-
-
-
36
VDD_USB
S
-
-
-
-
24
24
B2
37
PA14
I/O
FT
-
SWCLK, USART2_TX
-
Table 15. STM32L062x8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More