Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L062T8 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32L062T8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062T8 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32L062T8 Datasheet HTML 33Page - STMicroelectronics STM32L062T8 Datasheet HTML 34Page - STMicroelectronics STM32L062T8 Datasheet HTML 35Page - STMicroelectronics STM32L062T8 Datasheet HTML 36Page - STMicroelectronics STM32L062T8 Datasheet HTML 37Page - STMicroelectronics STM32L062T8 Datasheet HTML 38Page - STMicroelectronics STM32L062T8 Datasheet HTML 39Page - STMicroelectronics STM32L062T8 Datasheet HTML 40Page - STMicroelectronics STM32L062T8 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
DS10183 Rev 11
37/124
STM32L062x8
Pin descriptions
45
4
Pin descriptions
Figure 3. STM32L062x8 UFQFPN48
1. The above figure shows the package top view.
2. The I/O pins supplied by VDD_USB are shown in grey.
Figure 4. STM32L062x8 WLCSP36 ballout
1. The above figure shows the package top view.
MSv62417V1
UFQFPN48
1
2
3
4
5
6
7
8
9
10
11
12
VDD
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PH0-OSC_IN
PH1-OSC_OUT
NRST
VSSA
VDDA
PA0
PA1
PA2
36
35
34
33
32
31
30
29
28
27
26
25
VDD_USB
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
PA10
PA13
MSv37853V1
A
B
C
D
E
F
12
3
4
5
6
PA12
PA9
PA8
VDD
PA15
PA14
PA11
PB11
PB10
PB2
PB4
PB7
VDD
PC14-
OSC32
_IN
PB3
PB6
PB8
PC15-
OSC32
_OUT
PB1
PB5
BOO
T0
NRST
PB0
PA0
VDDA
VSS
PA6
PA4
PA2
VREF
+
PA7
PA5
PA3
PA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More