Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L062K8 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32L062K8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 36Page - STMicroelectronics STM32L062K8 Datasheet HTML 37Page - STMicroelectronics STM32L062K8 Datasheet HTML 38Page - STMicroelectronics STM32L062K8 Datasheet HTML 39Page - STMicroelectronics STM32L062K8 Datasheet HTML 40Page - STMicroelectronics STM32L062K8 Datasheet HTML 41Page - STMicroelectronics STM32L062K8 Datasheet HTML 42Page - STMicroelectronics STM32L062K8 Datasheet HTML 43Page - STMicroelectronics STM32L062K8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
Pin descriptions
STM32L062x8
40/124
DS10183 Rev 11
---
6
PH1-
OSC_OUT
(PH1)
I/O
TC
-
-
OSC_OUT
4
4
C6
7
NRST
I/O
RST
-
-
-
--
E6
-
VREF+
S
-
-
-
-
-
-
-
8
VSSA
S
-
-
-
-
5
5
D5
9
VDDA
S
-
-
-
-
66
D4
10
PA0
I/O
TC
-
TIM2_CH1,
TSC_G1_IO1,
USART2_CTS,
TIM2_ETR,
COMP1_OUT
COMP1_INM6,
ADC_IN0,
RTC_TAMP2/WKUP
1
7
7
F6
11
PA1
I/O
FT
-
EVENTOUT,
TIM2_CH2,
TSC_G1_IO2,
USART2_RTS/
USART2_DE,
TIM21_ETR
COMP1_INP,
ADC_IN1
88
E5
12
PA2
I/O
FT
-
TIM21_CH1,
TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
COMP2_OUT
COMP2_INM6,
ADC_IN2
9
9
F5
13
PA3
I/O
FT
-
TIM21_CH2,
TIM2_CH4,
TSC_G1_IO4,
USART2_RX
COMP2_INP,
ADC_IN3
10
10
E4
14
PA4
I/O
TC
(1)
SPI1_NSS,
TSC_G2_IO1,
USART2_CK,
TIM22_ETR
COMP1_INM4,
COMP2_INM4,
ADC_IN4, DAC_OUT
11
11
F4
15
PA5
I/O
TC
-
SPI1_SCK, TIM2_ETR,
TSC_G2_IO2,
TIM2_CH1
COMP1_INM5,
COMP2_INM5,
ADC_IN5
Table 15. STM32L062x8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More