Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L010K8 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32L010K8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K8 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32L010K8 Datasheet HTML 30Page - STMicroelectronics STM32L010K8 Datasheet HTML 31Page - STMicroelectronics STM32L010K8 Datasheet HTML 32Page - STMicroelectronics STM32L010K8 Datasheet HTML 33Page - STMicroelectronics STM32L010K8 Datasheet HTML 34Page - STMicroelectronics STM32L010K8 Datasheet HTML 35Page - STMicroelectronics STM32L010K8 Datasheet HTML 36Page - STMicroelectronics STM32L010K8 Datasheet HTML 37Page - STMicroelectronics STM32L010K8 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Port B
PB0
EVENTOUT
-
-
-
-
-
-
PB1
-
-
-
-
LPUART1_RTS
-
-
PB2
-
-
LPTIM1_OUT
-
-
-
-
PB3
SPI1_SCK
-
TIM2_CH2
-
EVENTOUT
-
-
PB4
SPI1_MISO
EVENTOUT
-
-
-
-
PB5
SPI1_MOSI
LPTIM1_IN1
I2C1_SMBA
-
-
-
PB6
-
I2C1_SCL
LPTIM1_ETR
-
-
-
-
PB7
-
I2C1_SDA
LPTIM1_IN2
-
-
-
-
PB8
-
-
-
-
I2C1_SCL
-
-
PB9
-
-
EVENTOUT
-
I2C1_SDA
-
-
PB10
-
-
TIM2_CH3
-
LPUART1_TX
-
-
PB11
EVENTOUT
-
TIM2_CH4
-
LPUART1_RX
-
-
PB12
-
-
LPUART1_RTS
-
-
EVENTOUT
PB13
-
-
-
-
LPUART1_CTS
-
TIM21_CH1
PB14
-
-
RTC_OUT
-
LPUART1_RTS
-
TIM21_CH2
PB15
-
-
RTC_REFIN
-
-
-
-
Table 11. Alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
SPI1/LPUART/
LPTIM//TIM21/
EVENOUT/
SYS_AF
I2C1
LPUART/LPTIM/
TIM2/
EVENOUT/
SYS_AF
I2C1/EVENOUT
I2C1/LPUART/
EVENOUT
SPI2/TIM2/
TIM21
TIM21/
EVENOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92