Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5032MTC Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM5032MTC
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032MTC Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM5032MTC Datasheet HTML 1Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 2Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 3Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 4Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 5Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 6Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 7Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 8Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Connection Diagram
Top View
20135002
16-Lead TSSOP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5032MTC
TSSOP-16
MTC-16
92 Units per Rail
LM5032MTCX
TSSOP-16
MTC-16
2500 Units on Tape and Reel
Pin Description
PIN
NAME
DESCRIPTION
APPLICATIONS INFORMATION
1
VIN
Input Supply
Input to the startup regulator. The operating input range is 13V to
100V with transient capability to 105V.
2
COMP1
PWM Control, Controller 1
The COMP1 input provides voltage feedback to the PWM comparator
inverting input of Controller 1 through a 3:1 divider. The OUT1 duty
cycle increases as the COMP1 voltage increases. An internal 5K
Ω
pull-up resistor to +5.0V provides bias current to an opto-coupler
transistor.
3
CS1
Current Sense Input, Controller 1
Input for current mode control and the current limit sensing. If the CS1
pin exceeds 0.5V the OUT1 pulse is terminated producing
cycle-by-cycle current limiting. External resistance connected to CS1
will adjust (increase) PWM slope compensation. This pin’s voltage
must not exceed 1.25V.
4
SS1
Soft-start, Controller 1
An internal 50 µA current source charges an external capacitor to set
the soft-start rate. During a current limit restart sequence, the internal
current source is reduced to 1 µA to increase the delay before retry.
Forcing SS1 below 0.5V shuts off Controller 1.
5
UVLO
VIN Under-Voltage Lockout
An external resistor divider sets the input voltage threshold to enable
the LM5032. The UVLO comparator reference voltage is 1.25V. A
switched 20 µA current source provides adjustable UVLO hysteresis.
The UVLO pin voltage also controls the maximum duty cycle as
described in the Functional Description section.
6
VCC
Start-up regulator output
Output of the 7.7V high voltage start-up regulator. Current limit is a
minimum of 19 mA.
7
OUT1
Main Gate Driver, Controller 1
Gate driver output to the primary side switch for Controller 1. OUT1
swings between VCC and GND1 at a frequency equal to half the
oscillator frequency.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22