Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP100N10F7 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STP100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100N10F7 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STP100N10F7 Datasheet HTML 20Page - STMicroelectronics STP100N10F7 Datasheet HTML 21Page - STMicroelectronics STP100N10F7 Datasheet HTML 22Page - STMicroelectronics STP100N10F7 Datasheet HTML 23Page - STMicroelectronics STP100N10F7 Datasheet HTML 24Page - STMicroelectronics STP100N10F7 Datasheet HTML 25Page - STMicroelectronics STP100N10F7 Datasheet HTML 26Page - STMicroelectronics STP100N10F7 Datasheet HTML 27Page - STMicroelectronics STP100N10F7 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
5
Ordering information
Table 15. Order codes
Order code
Marking
Package
Packing
STB100N10F7
100N10F7
D2PAK
Tape and reel
STD100N10F7
DPAK
Tape and reel
STF100N10F7
TO-220FP
Tube
STI100N10F7
I2PAK
Tube
STP100N10F7
TO-220
Tube
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
Ordering information
DS9291 - Rev 5
page 25/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28