Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF100N10F7 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STF100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF100N10F7 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STF100N10F7 Datasheet HTML 20Page - STMicroelectronics STF100N10F7 Datasheet HTML 21Page - STMicroelectronics STF100N10F7 Datasheet HTML 22Page - STMicroelectronics STF100N10F7 Datasheet HTML 23Page - STMicroelectronics STF100N10F7 Datasheet HTML 24Page - STMicroelectronics STF100N10F7 Datasheet HTML 25Page - STMicroelectronics STF100N10F7 Datasheet HTML 26Page - STMicroelectronics STF100N10F7 Datasheet HTML 27Page - STMicroelectronics STF100N10F7 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................8
4
Package information...............................................................9
4.1
D²PAK (TO-263) type A package information ....................................... 9
4.2
DPAK (TO-252) type A2 package information ...................................... 12
4.3
D²PAK and DPAK packing information ............................................ 15
4.4
TO-220FP package information ................................................. 18
4.5
I²PAK package information...................................................... 20
4.6
TO-220 type A package information .............................................. 22
5
Ordering information .............................................................25
Revision history .......................................................................26
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
Contents
DS9291 - Rev 5
page 27/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28