Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDP2690 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STDP2690
Description  Advanced DisplayPort to DisplayPort (dual mode) converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP2690 Fiches technique(HTML) 6 Page - STMicroelectronics

  STDP2690 Datasheet HTML 1Page - STMicroelectronics STDP2690 Datasheet HTML 2Page - STMicroelectronics STDP2690 Datasheet HTML 3Page - STMicroelectronics STDP2690 Datasheet HTML 4Page - STMicroelectronics STDP2690 Datasheet HTML 5Page - STMicroelectronics STDP2690 Datasheet HTML 6Page - STMicroelectronics STDP2690 Datasheet HTML 7Page - STMicroelectronics STDP2690 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering information
STDP2690
6/8
Doc ID 23267 Rev 1
4
Ordering information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 1.
Order codes
Part number
Description
STDP2690
81 BGA (8 x 8 mm)



Html Pages

1 2 3 4 5 6 7 8